Part Number Hot Search : 
PD030 29LV800 1A66B F01CT MT110 M68PA11 SY10EL05 SIT1533
Product Description
Full Text Search
 

To Download 5-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Mounting Hardware
For 200, 210, 270 and 280 Series
Mounting Brackets E Slotted type E .063" 1.588 mm
See ohmite.com for pictoral views
Mounting BracketS
Brackets fit inside cores of 200, 210 and 270 type resistors and remain in place by spring tension. Standard brackets are plated steel and have no suffix to part number. Spring steel brackets are indicated with an "S" suffix following part number.
Standard 5E 7E 9E 12E 18E Part number Spring steel 5SE 7SE 9SE 12SE 18SE Mtg screw size (max.) 6 6 6 10 10 For resistors (power ratings) 8, 12 watt 20 watt 25, 50, 75 watt 100 watt 175, 225 watt
F
C
mica washer centering washer Thru-bolts with Centering and Insulating Washers Resistor length plus .125" (3.175 mm) Elongated type F Thru-bolts and Mounting Brackets G
D
A
t h r u B o lt S
Thru-Bolts, with centering mica insulating washers, permit perpendicular mounting of 200, 210 and 270 type resistors to panels up to 0.25" thick.
Part no. 7PA5E 7PA10E 7PA20E 7PA25E 7PA50E 7PA75E 7PA100E 7PA160E 7PA200E Bolt size length 1.75" 2.5" 2.75" 2.75" 4.75" 6.75" 7.313" 9.5" 11.5" no. 8 8 8 10 10 10 10 0.25" 0.25" For resistors (power rating) 8 watt 12 watt 20 watt 25 watt 50 watt 75 watt 100 watt 175 watt 225 watt
H E
C
B
WaSherS
mica washer centering washer D A
Metal centering Part no. 6000E 6001E 6003E Mica insulating Diameter outer inner 0.563" 0.190 0.75" 0.190 1.125" 0.250 For max. screw size #10 #10 0.25" For resistors (power ratings) 25, 50, 75 watt 100 watt 175, 225 watt
t h r u - B o lt S a n D M o u n t i n g B r a c k e t S
Sturdy plated steel brackets, along with thru-bolts, centering washers and insulating washers (included), allow for secure mounting of 210 type and 270 type resistors. Mounting brackets are available in either slotted (one with end-slot/one with side-slot) or elongated styles.
type Slotted a 6101--E 0.781" 6104--E 0.781" 6110--E 1" elongated 6120--E 1" 6126--E 1.5" 6127--E 1.5" 6128--E 1.5" 6129--E 1.5" B -- -- -- -- -- 2" 2" 2" c 0.75" 0.75" 1.125" 0.5" 1.25" 1.25" 1.25" 1.25" Dimensions D e 0.031" 0.438" 0.031" 0.438" 0.063" 0.813" 0.031" 0.063" 0.063" 0.063" 0.063" 0.422" 0.438" 0.438" 0.438" 0.438" F 0.25" 0.25" 0.313" 0.219" 0.281" 0.281" 0.281" 0.281" g -- -- -- .438 .563 .563 .563 .563 h -- -- -- .750 .875 .875 .875 .875 Std. core length 13/4" 2" 21/4" 4" 6" 61/2" 81/2" 101/2 Bolt length 21/4" 21/2" 23/4" 43/4" 65/8" 7" 91/8" 111/8
Diameter Part no. outer inner 6010E 0.75" 0.063" 6011E* 0.75" 0.313" 6012E 1" 0.063" 6013E* 1" 0.5" 6014E 1.25" 0.063" 6015E* 1.25" 0.625" 6016E 1.5" 0.063" 6017E* 1.5" 0.75" * Use with centering washers.
For resistors (power ratings) 25, 50, 75 watt 25, 50, 75 watt 100 watt 100 watt core 1" O.D. x 0.625" I.D. core 1" O.D. x 0.625" I.D. 175, 225 watt 175, 225 watt
a D J u S ta B l e l u g S F o r 2 1 0 S e r i e S
One standard screwdriver type adjustable lug is supplied with each unit. Two types of lugs can be ordered separately: standard or with a silver contact button; both types are available with a screwdriver type lug.
resistor core diam. (in. / mm) 0.313 / 7.94 0.563 / 14.3 0.750 / 19.05 1.125 / 28.58 Standard part numbers Standard Silver 2115E 2116E 2121E 2123E 2125E 2127E 2133E 2135E
o r d e r i n g i n f o r m at i o n
Slotted
RoHS Compliant
Elongated
RoHS Compliant
6 1 0 4 - M - 6 1/2-E
No. of Resistors 1 2 3 1 2 3 1 2 3 1 2 3 1 1 Bracket 6101 6102 6103 6104 6105 6106 6110A 6111A 6112A 6110 6111 6112 6113B 6114 Core Code K M N P R S Standard Core Length (in) 2 4 6 2 4 61/2 4 6 81/2 101/2 81/2 101/2 113/4 12 15 20
6 1 2 1 - D - 13/4-E
No. of Resistors 1 2 Bracket 6120 6121 Core Code D H K M N Standard Core Length (in) 1 13/4 2 21/4 4 2 4 61/2 81/2 101/2
1 2 3 4 1 2 3 4
6122 6123 6124 6125 6126 6127 6128 6129
P
Double thumb screw Lug (Part Number 2160E) The double thumb screw adjustable lug permits easier adjustment and less chance of damage to resistance wire. Available for 1.125" cores only.
= Most popular Standard values = Standard values = Non-Standard values subject to minimum handling charge per item
36
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 * 1-866-9-OHMITE * Int'l 1-847-258-0300 * Fax 1-847-574-7522 * www.ohmite.com * info@ohmite.com


▲Up To Search▲   

 
Price & Availability of 5-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X